PART |
Description |
Maker |
MC79L08F09 MC79L08F-TP |
Three-Terminal Low Current Negative Voltage Regulat
|
Micro Commercial Components
|
MIC39500-2.5WT MIC39500-2.5WU MIC39500-1.8BT MIC39 |
5A 渭Cap Low-Voltage Low-Dropout Regulator 5A μCap Low-Voltage Low-Dropout Regulator 5A Low-Voltage Low-Dropout Regulator, RoHS Compliant 5-pin TO-263 2.5 V FIXED POSITIVE LDO REGULATOR, 0.575 V DROPOUT, PSSO5 5A Low-Voltage Low-Dropout Regulator, RoHS Compliant 5-pin TO-220 1.8 V FIXED POSITIVE LDO REGULATOR, 0.575 V DROPOUT, PSFM5
|
Micrel Semiconductor, Inc.
|
LM2935 LM2935T LM2935TH LM2935TV LM2935_D ON0300 L |
Low Dropout Dual Regulator From old datasheet system LOW DROPOUT VOLTAGE REGULATORS LOW DROPOUT DUAL VOLTAGE REGULATOR Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85
|
ONSEMI[ON Semiconductor]
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
LND4885 LND4805 LND4808 LND4809 LND4810 LND4812 LN |
400mA,5V low dropout voltage regulator. 400mA,3.3V low dropout voltage regulator, other fixed versions are also available Vout = 2.0V to 5.0V 400mA Low Dropout Voltage Regulators 400mA,8.5V low dropout voltage regulator. 400mA,12V low dropout voltage regulator.
|
List of Unclassifed Manufacturers ETC[ETC] Linear Dimensions Semiconductor LinearDimensions
|
AMS1085 AMS1085CD AMS1085CD-15 AMS1085CD-25 AMS108 |
5.0V 3A low dropout voltage regulator 3.3V 3A low dropout voltage regulator 3.5V 3A low dropout voltage regulator 3.0V 3A low dropout voltage regulator 2.85V 3A low dropout voltage regulator 1.5V 3A low dropout voltage regulator 3A LOW DROPOUT VOLTAGE REGULATOR A低压差稳压器 3A LOW DROPOUT VOLTAGE REGULATOR 3A低压差稳压器
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
MIC3775-1.5BMM MIC3775-1.5YMM MIC3775-1.65BMM MIC3 |
750mA 渭Cap Low-Voltage Low-Dropout Regulator 750mA μCap Low-Voltage Low-Dropout Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
Micrel Semiconductor MICREL INC
|
B1150 B1150S-1.5 B1150S-2.5 B1150S-3.0 B1150S-3.3 |
Adjustable 4.0A low dropout voltage regulator 3.3V 4.0A low dropout voltage regulator 3.0V 4.0A low dropout voltage regulator 2.5V 4.0A low dropout voltage regulator 1.5V 4.0A low dropout voltage regulator 4.0A Low Dropout Voltage Regulator Adjustable & Fix Output
|
BayLinear ETC
|
B1586 B1586S-1.5 B1586S-2.5 B1586S-3.0 B1586S-3.3 |
1.5A Low Dropout Voltage Regulator Adjustable & Fix Output 1.5V 1.5A low dropout voltage regulator 2.5V 1.5A low dropout voltage regulator 3.0V 1.5A low dropout voltage regulator 3.3V 1.5A low dropout voltage regulator Adjustable 1.5A low dropout voltage regulator
|
BayLinear
|
MSK5115-5.0BTU MSK5115-5.0BZD MSK5115-5.0BTS MSK51 |
Adj, High current, low dropout voltage regulator HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 大电流,低降稳压 12V, High current, low dropout voltage regulator
|
Electronic Theatre Controls, Inc. M.S. Kennedy Corp.
|